Part Number Hot Search : 
BD249 4731A BC042 M39Y5V 8050D C4137 LCX16 BC042
Product Description
Full Text Search
 

To Download SDB10100D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-d6o004-001 1 SDB10100D schottky barrier rectifier to-252 high voltage schottky rectifier features ? low forward voltage drop ? low power loss and high efficiency ? low leakage current ? high surge capability ? halogen-free component and rohs compliant device applications ? high efficiency smps ? output rectification ? high frequency switching ? freewheeling ? dc-dc converter systems description the SDB10100D is ideally suited for a full wave output rectifier in low switching power supplies, inverters and as free wheeling diodes. ordering information device marking code package packaging SDB10100D SDB10100D to-252 tape & reel marking information product characteristics i f(av) 10a v rrm 100v v fm at 125 0.72v i fsm 120a SDB10100D = specific device code yww = year & week code marking -. y = year code -. ww = week code to-252 pin configuration pin 1, 3: anode pin 2, 4: cathode
ksd-d6o004-001 2 absolute maximum ratings (limiting values) characteristic symbol value unit maximum repetitive reverse voltage maximum working peak reverse voltage maximum dc blocking voltage v rrm v rwm v r 100 v maximum average forward rectified current i f(av) 10 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 120 a storage temperature range t stg -45 to +150 maximum operating junction temperature t j 150 thermal characteristics characteristic symbol value unit maximum thermal resistance junction to case r th(j-c) 4 /w electrical characteristics characteristic symbol test condition min. typ. max. unit peak forward voltage drop v fm (1) i fm = 10a t j =25 - - 0.85 v t j =125 - - 0.72 v reverse leakage current i rm (1) v r = v rrm t j =25 - - 20 ua t j =125 - - 20 ma junction capacitance c j v r = 10v dc , f=1mhz - 150 - pf note : (1) pulse test : t p 380 ? , duty cycle 2% to evaluate the conduction losses use the following equation: p f = 0.62 i f(av) + 0.042 i f 2 (rms) SDB10100D i fm 2 i f(av) i f(av) v fm forward voltage : v fm = v to + rd i fm conduction loss : p f = v to i f(av) + rd i f 2 (rms) rd v to
ksd-d6o004-001 3 rating and characteristic curves fig. 1) typical forward characteristics fig. 2) typical reverse characteristics fig. 3) maximum forward derative curve fig. 6) typical junction capacitance fig. 4) forward power dissipation SDB10100D fig. 5) maximum non-repetitive peak forward surge current
ksd-d6o004-001 4 recommended land pattern [unit: mm] package outlin e dimension SDB10100D 4.60 1.50 2 . 5 0 7 . 0 0 7.00
ksd-d6o004-001 5 the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipm ents without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice. SDB10100D


▲Up To Search▲   

 
Price & Availability of SDB10100D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X